Part Number Hot Search : 
SA100 Z25A2 3843A RT8239A 01B32AM CY3670 IT130 FCH47N6
Product Description
Full Text Search
 

To Download CXA-L10A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A434_CXAL10 (1/3)
On-board type, Non-dimming, 4.5W, For 1 and 2 bulbs
TDK DC-AC Inverter
CXA-L10A/-L10L
FEATURES * The CXA-L10 series inverters for 2-cold cathode fluorescent lamps support a wide range of CCFL devices and are characterized by highly stable output current. * Employing a resonance-type push-pull circuit, these inverters deliver sine wave output with very low noise levels. * Through the use of four different connection methods and combinations of 1 and 2 lamps, different output currents can be selected. * Compact, lightweight printed circuit board design. * High efficiency (typically 80%). APPLICATIONS Industrial and other equipment employing LCD panels, products employing small lamps, information terminal devices. TEMPERATURE AND HUMIDITY RANGES
Temperature range (C) Humidity range(%)RH Operating Storage -10 to +60 -20 to +85 95max. [Maximum wet-bulb temperature 38C]
CIRCUIT DIAGRAMS CONNECTION A
1 3 RL (CCFL)
Vin 2
4
5
CONNECTION B
1 3 RL (CCFL)
Vin 2
4
5
CONNECTION C
1 3 RL (CCFL)
Vin
4
SHAPES AND DIMENSIONS
21max. 16.50.2 15.240.2 1 2 1 3-o1.60.15 3 RL (CCFL) 5min. 13max. 2max. 2 5
CONNECTION D
Vin 260.2 300.2
4 RL (CCFL) 2 5
38.10.2
44max.
,, , ,, , ,,
252 5-o0.80.1 or 5- 0.640.07 Weight: 11g typ. Dimensions in mm
5.080.2
7.50.2
TERMINAL NUMBERS AND FUNCTIONS
Terminal No. Functions 1 2 3 4 5 Input voltage Edc CXA-L10A 0 to 6V 5V[nom.] 0V CXA-L10L 0 to 14.4V 12V[nom.] 0V 5mA 5mA 0V Symbol Vin GND VHIGH1 VHIGH2 VLOW
3 5 0.50.2 4 Jumper 1 R1.150.1 Bottom View
1 Terminal numbers 2 and 5 are connected by the jumper. Cut this jumper to let the secondary side float with respect to the primary side. 2 High-voltage generator (The entire surface within a range of 25mm away from the end of the base in the output)
Output 1 5mA [High voltage] Irms Output 2 5mA [High voltage] Irms Output[Low voltage] 0V
All specifications are subject to change without notice.
A434_CXAL10 (2/3)
On-board type, Non-dimming, 4.5W, For 1 and 2 bulbs
TDK DC-AC Inverter
CXA-L10A/-L10L
ELECTRICAL CHARACTERISTICS 5V INPUT TYPE/CXA-L10A
Connections Items Output current Irms Input current Idc Oscillation frequency Open circuit output voltage Erms Output power Output current Irms Input current Idc Oscillation frequency Open circuit output voltage Erms Output power Output current Irms Input current Idc Oscillation frequency Open circuit output voltage Erms Output power Unit mA A kHz V W mA A kHz V W mA A kHz V W Symbol Iout Iin FL Vopen Pout Iout Iin FL Vopen Pout Iout Iin FL Vopen Pout Iout1 Iout2 Iout1 Iout2 Iin FL Vopen Pout Specifications min. 9 8 -- 25 800 -- 5.2 4.6 -- 30 800 -- 4.5 4 -- 25 800 -- 4.5 4.5 4 4 -- 25 800 -- typ. 10 10 0.8 30 900 -- 6 6 0.51 35 900 -- 5 5 0.45 30 900 -- 5 5 5 5 0.8 30 900 -- max. 11 12 1.2 35 -- 4.5 6.6 7.2 0.77 40 -- 2.7 5.6 6.1 0.68 35 -- 2.25 5.5 5.5 6 6 1.2 35 -- 2.25x2 Conditions Vin(V) 51% 55% 55% 55% 55% 55% 51% 55% 55% 55% 55% 55% 51% 55% 55% 55% 55% 55% 51% 51% 55% 55% 55% 55% 55% 55% Ta(C) 235 -10 to +60 -10 to +60 -10 to +60 -10 to +60 -10 to +60 235 -10 to +60 -10 to +60 -10 to +60 -10 to +60 -10 to +60 235 -10 to +60 -10 to +60 -10 to +60 -10 to +60 -10 to +60 235 235 -10 to +60 -10 to +60 -10 to +60 -10 to +60 -10 to +60 -10 to +60 RL(k) 30 23 to 37 23 to 37 23 to 37 -- 50 38 to 62 38 to 62 38 to 62 -- 60 45 to 75 45 to 75 45 to 75 -- 60 60 45 to 75 45 to 75 45 to 75 45 to 75 --
A
B
C
Output current Irms
mA
D
Input current Idc Oscillation frequency Open circuit output voltage Erms Output power
A kHz V W
All specifications are subject to change without notice.
A434_CXAL10 (3/3)
On-board type, Non-dimming, 4.5W, For 1 and 2 bulbs
TDK DC-AC Inverter
CXA-L10A/-L10L
ELECTRICAL CHARACTERISTICS 12V INPUT TYPE/CXA-L10L
Connections Items Output current Irms Input current Idc Oscillation frequency Open circuit output voltage Erms Output power Output current Irms Input current Idc Oscillation frequency Open circuit output voltage Erms Output power Output current Irms Input current Idc Oscillation frequency Open circuit output voltage Erms Output power Unit mA A kHz V W mA A kHz V W mA A kHz V W Symbol Iout Iin FL Vopen Pout Iout Iin FL Vopen Pout Iout Iin FL Vopen Pout Iout1 Iout2 Iout1 Iout2 Iin FL Vopen Pout Specifications min. 9 8 -- 25 800 -- 5.3 4.7 -- 30 800 -- 4.5 4 -- 25 800 -- 4.5 4.5 4 4 -- 25 800 -- typ. 10 10 0.32 30 900 -- 6 6 0.2 35 900 -- 5 5 0.18 30 900 -- 5 5 5 5 0.32 30 900 -- max. 11 12 0.48 35 -- 4.5 6.7 7.3 0.3 40 -- 2.7 5.6 6.1 0.27 35 -- 2.25 5.5 5.5 6 6 0.48 35 -- 2.25x2 Conditions Vin(V) 121% 125% 125% 125% 125% 125% 121% 125% 125% 125% 125% 125% 121% 125% 125% 125% 125% 125% 121% 121% 125% 125% 125% 125% 125% 125% Ta(C) 235 -10 to +60 -10 to +60 -10 to +60 -10 to +60 -10 to +60 235 -10 to +60 -10 to +60 -10 to +60 -10 to +60 -10 to +60 235 -10 to +60 -10 to +60 -10 to +60 -10 to +60 -10 to +60 235 235 -10 to +60 -10 to +60 -10 to +60 -10 to +60 -10 to +60 -10 to +60 RL(k) 30 23 to 37 23 to 37 23 to 37 -- 50 38 to 62 38 to 62 38 to 62 -- 60 45 to 75 45 to 75 45 to 75 -- 60 60 45 to 75 45 to 75 45 to 75 45 to 75 --
A
B
C
Output current Irms
mA
D
Input current Idc Oscillation frequency Open circuit output voltage Erms Output power
A kHz V W
A434_CXAL10 001127
All specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of CXA-L10A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X